Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR12-0002 Datasheet (PDF) - Tyco Electronics

FR12-0002 Datasheet PDF - Tyco Electronics
Part # FR12-0002
Download  FR12-0002 Download
File Size   45.84 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3- Port DROP - IN CIRCULATOR / ISOLATOR 925 - 960 MHz

FR12-0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR12-0002 Datasheet PDF - Tyco Electronics

Part # FR12-0002
Download  FR12-0002 Click to download

File Size   45.84 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3- Port DROP - IN CIRCULATOR / ISOLATOR 925 - 960 MHz

FR12-0002 Datasheet (HTML) - Tyco Electronics




Similar Part No. - FR12-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR12-0002 MACOM-FR12-0002 Datasheet
40Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
M/A-COM Technology Solu...
FR12-0002 MA-COM-FR12-0002 Datasheet
42Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
More results


Similar Description - FR12-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11-0001 MACOM-FR11-0001 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 869 - 894 MHz
FR11-0003 MACOM-FR11-0003 Datasheet
46Kb / 1P
3- Port DROP - IN CIRCULATOR 1805 - 1880 MHz
FR11-0004 MACOM-FR11-0004 Datasheet
44Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 1930 - 1990 MHz
MAFRIN0437 MACOM-MAFRIN0437 Datasheet
196Kb / 3P
Ultra Low Loss Isolator 925 MHz - 960 MHz
logo
M/A-COM Technology Solu...
MAFR-000084-GS1C1T MA-COM-MAFR-000084-GS1C1T Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 925 MHz-960 MHz
MAFR-000409-000001 MA-COM-MAFR-000409-000001 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000428-000001 MA-COM-MAFR-000428-000001 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000455-000001 MA-COM-MAFR-000455-000001 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 960 MHz-1200 MHz
logo
Molex Electronics Ltd.
735912101 MOLEX-735912101 Datasheet
304Kb / 1P
SMSJ ISOLATOR/925~960 MHZ/CW
2022/03/01
735912102 MOLEX-735912102 Datasheet
304Kb / 1P
SMSJ ISOLATOR/925~960 MHZ/CCW
2022/03/01
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com