Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM7600SB Datasheet (PDF) - RF Micro Devices

RFFM7600SB Datasheet PDF - RF Micro Devices
Part # RFFM7600SB
Download  RFFM7600SB Download
File Size   1236.22 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE

RFFM7600SB Datasheet (PDF)

Go To PDF Page Download Datasheet
RFFM7600SB Datasheet PDF - RF Micro Devices

Part # RFFM7600SB
Download  RFFM7600SB Click to download

File Size   1236.22 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE

RFFM7600SB Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFFM7600SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ESQ RFMD-RFFM3482ESQ Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ESR RFMD-RFFM3482ESR Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ETR13X RFMD-RFFM3482ETR13X Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ETR7 RFMD-RFFM3482ETR7 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results


Similar Description - RFFM7600SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM4203 QORVO-RFFM4203 Datasheet
201Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com