Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HH-128 Datasheet (PDF) - Tyco Electronics

HH-128 Datasheet PDF - Tyco Electronics
Part # HH-128
Download  HH-128 Download
File Size   134.08 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Flatpack Hybrid Junction 20 - 2000 MHz

HH-128 Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-128 Datasheet PDF - Tyco Electronics

Part # HH-128
Download  HH-128 Click to download

File Size   134.08 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Flatpack Hybrid Junction 20 - 2000 MHz

HH-128 Datasheet (HTML) - Tyco Electronics


HH-128 Product details

Description
3 dB Hybrids are ideal for dividing a signal into two signals of equal amplitude and a constant 90° or 180° phase differential and for Quadrature combining or performing summation/differential combining.

Features
• 1.5 dB Typical Midband Insertion Loss
• 30 dB Typical Midband Isolation
• 1.3:1 Typical Midband VSWR
• MIL-STD-202 Screening Available




Similar Part No. - HH-128

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
Flatpack Hybrid Junction, 20 - 2000 MHz
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
Flatpack Hybrid Junction
logo
Tyco Electronics
HH-128PIN MACOM-HH-128PIN Datasheet
117Kb / 2P
Flatpack Hybrid Junction, 20 - 2000 MHz
logo
M/A-COM Technology Solu...
HH-128PIN MA-COM-HH-128PIN Datasheet
63Kb / 2P
Flatpack Hybrid Junction, 20 - 2000 MHz
logo
Tyco Electronics
HH-128 MACOM-HH-128_1 Datasheet
117Kb / 2P
Flatpack Hybrid Junction, 20 - 2000 MHz
More results


Similar Description - HH-128

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
Hybrid Junction 20 - 300 MHz
logo
List of Unclassifed Man...
DBM-182 ETC1-DBM-182 Datasheet
118Kb / 2P
LOW LEVEL SUBVINIATURE FLATPACK DOUBLE BALANCED MIXER 600~2000 MHz
logo
Tyco Electronics
HH-105 MACOM-HH-105_1 Datasheet
122Kb / 2P
Hybrid Junction, 20 - 300 MHz
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-128 MACOM-HH-128_1 Datasheet
117Kb / 2P
Flatpack Hybrid Junction, 20 - 2000 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
Hybrid Junction, 20 - 300 MHz
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
Flatpack Hybrid Junction, 20 - 2000 MHz
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
Hybrid Junction, 10 - 500 MHz
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
Flatpack Hybrid Junction
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com