Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH-131N Datasheet (PDF) - Tyco Electronics

JH-131N Datasheet PDF - Tyco Electronics
Part # JH-131N
Download  JH-131N Download
File Size   99.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Three-Port Quadrature Hybrid 20 - 200 MHz

JH-131N Datasheet (PDF)

Go To PDF Page Download Datasheet
JH-131N Datasheet PDF - Tyco Electronics

Part # JH-131N
Download  JH-131N Click to download

File Size   99.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Three-Port Quadrature Hybrid 20 - 200 MHz

JH-131N Datasheet (HTML) - Tyco Electronics




Similar Part No. - JH-131N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-131N MACOM-JH-131N Datasheet
243Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
M/A-COM Technology Solu...
JH-131N MA-COM-JH-131N Datasheet
80Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
More results


Similar Description - JH-131N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
Quadrature Hybrid 20 - 140 MHz
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
Quadrature Hybrid 100 - 200 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
JH-121 MACOM-JH-121 Datasheet
172Kb / 2P
Quadrature Hybrid, 100 - 200 MHz
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
logo
M/A-COM Technology Solu...
JH-131 MA-COM-JH-131 Datasheet
80Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
Quadrature Hybrid, 20 - 40 MHz
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
Quadrature Hybrid, 100 - 200 MHz
JHS-142 MA-COM-JHS-142 Datasheet
64Kb / 2P
Surface Mount Quadrature Hybrid, 200 - 400 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com