Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH-114 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

JH-114 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # JH-114
Download  JH-114 Download
File Size   99.75 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Quadrature Hybrid, 20 - 40 MHz

JH-114 Datasheet (PDF)

Go To PDF Page Download Datasheet
JH-114 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # JH-114
Download  JH-114 Click to download

File Size   99.75 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Quadrature Hybrid, 20 - 40 MHz

JH-114 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


JH-114 Product details

Description
3 dB Hybrids are ideal for dividing a signal into two signals of equal amplitude and a constant 90o or 180o phase differential and for Quadrature combining or performing summation/differential combining.

Features
• Octave Bandwidth
• 3o Maximum Phase Deviation from 90°
• Low Loss: 0.5 dB Max.
• Impedance: 50 Ohms Nominal
• Input Power: 5 Watts Max.@ 25°C, Derated to 1 Watt @ 100°C
• Typical Phase Linearity: 3° from Straight Line
• MIL-STD-202 Screening Available




Similar Part No. - JH-114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
JH-114PIN MACOM-JH-114PIN Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
More results


Similar Description - JH-114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
Quadrature Hybrid 20 - 140 MHz
JH-131 MACOM-JH-131 Datasheet
99Kb / 2P
Three-Port Quadrature Hybrid 20 - 200 MHz
JHS-114 MACOM-JHS-114 Datasheet
57Kb / 2P
Surface Mount Quadrature Hybrid 20 - 40 MHz
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
Surface Mount Quadrature Hybrid, 40 - 80 MHz
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
logo
M/A-COM Technology Solu...
JH-131 MA-COM-JH-131 Datasheet
80Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
JH-115 MA-COM-JH-115 Datasheet
62Kb / 3P
Surface Mount Quadrature Hybrid, 40 - 80 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com