Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH-115 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

JH-115 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # JH-115
Download  JH-115 Download
File Size   62.38 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Quadrature Hybrid, 40 - 80 MHz

JH-115 Datasheet (PDF)

Go To PDF Page Download Datasheet
JH-115 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # JH-115
Download  JH-115 Click to download

File Size   62.38 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Quadrature Hybrid, 40 - 80 MHz

JH-115 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - JH-115

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-115 MACOM-JH-115 Datasheet
111Kb / 2P
Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
Surface Mount Quadrature Hybrid, 40 - 80 MHz
JH-115PIN MACOM-JH-115PIN Datasheet
111Kb / 2P
Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-115PIN MACOM-JH-115PIN Datasheet
172Kb / 2P
Surface Mount Quadrature Hybrid, 40 - 80 MHz
More results


Similar Description - JH-115

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-114 MACOM-JHS-114 Datasheet
57Kb / 2P
Surface Mount Quadrature Hybrid 20 - 40 MHz
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
Surface Mount Quadrature Hybrid 40 - 80 MHz
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
Quadrature Hybrid 80 - 160 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
Surface Mount Quadrature Hybrid, 40 - 80 MHz
JH-119 MACOM-JH-119 Datasheet
172Kb / 2P
Quadrature Hybrid, 80 - 160 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
Quadrature Hybrid, 20 - 40 MHz
JH-119 MA-COM-JH-119 Datasheet
92Kb / 3P
Quadrature Hybrid, 80 - 160 MHz
JHS-142 MA-COM-JHS-142 Datasheet
64Kb / 2P
Surface Mount Quadrature Hybrid, 200 - 400 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com