Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JHS-114 Datasheet (PDF) - Tyco Electronics

JHS-114 Datasheet PDF - Tyco Electronics
Part # JHS-114
Download  JHS-114 Download
File Size   57.56 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Quadrature Hybrid 20 - 40 MHz

JHS-114 Datasheet (PDF)

Go To PDF Page Download Datasheet
JHS-114 Datasheet PDF - Tyco Electronics

Part # JHS-114
Download  JHS-114 Click to download

File Size   57.56 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Quadrature Hybrid 20 - 40 MHz

JHS-114 Datasheet (HTML) - Tyco Electronics




Similar Part No. - JHS-114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-114 MACOM-JHS-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JHS-114 MA-COM-JHS-114 Datasheet
99Kb / 3P
Quadrature Hybrid, 20 - 40 MHz
logo
Tyco Electronics
JHS-114PIN MACOM-JHS-114PIN Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JHS-114PIN MA-COM-JHS-114PIN Datasheet
99Kb / 3P
Quadrature Hybrid, 20 - 40 MHz
More results


Similar Description - JHS-114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
Quadrature Hybrid 20 - 140 MHz
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
Surface Mount Quadrature Hybrid 40 - 80 MHz
JHS-142 MACOM-JHS-142 Datasheet
108Kb / 1P
Surface Mount Quadrature Hybrid 200 - 400 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
Surface Mount Quadrature Hybrid, 40 - 80 MHz
JHS-142 MACOM-JHS-142_1 Datasheet
109Kb / 2P
Surface Mount Quadrature Hybrid, 200 - 400 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
Quadrature Hybrid, 20 - 40 MHz
JH-115 MA-COM-JH-115 Datasheet
62Kb / 3P
Surface Mount Quadrature Hybrid, 40 - 80 MHz
JHS-142 MA-COM-JHS-142 Datasheet
64Kb / 2P
Surface Mount Quadrature Hybrid, 200 - 400 MHz
JH-_JHS-115 MA-COM-JH-_JHS-115 Datasheet
62Kb / 3P
Surface Mount Quadrature Hybrid
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com