Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2081 Datasheet (PDF) - RF Micro Devices

RFMD2081 Datasheet PDF - RF Micro Devices
Part # RFMD2081
Download  RFMD2081 Download
File Size   2986.11 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO

RFMD2081 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMD2081 Datasheet PDF - RF Micro Devices

Part # RFMD2081
Download  RFMD2081 Click to download

File Size   2986.11 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO

RFMD2081 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFMD2081

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
More results


Similar Description - RFMD2081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3040 TI-TRF3040 Datasheet
576Kb / 40P
MODULATOR/SYNTHESIZER
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
Wideband Synthesizer with Integrated VCO
REV. 0
logo
Texas Instruments
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2080 RFMD-RFMD2080 Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
Integrated IQ Modulator PLL/VCO
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com