Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2081 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFMD2081
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2081 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFMD2081 Datasheet HTML 5Page - RF Micro Devices RFMD2081 Datasheet HTML 6Page - RF Micro Devices RFMD2081 Datasheet HTML 7Page - RF Micro Devices RFMD2081 Datasheet HTML 8Page - RF Micro Devices RFMD2081 Datasheet HTML 9Page - RF Micro Devices RFMD2081 Datasheet HTML 10Page - RF Micro Devices RFMD2081 Datasheet HTML 11Page - RF Micro Devices RFMD2081 Datasheet HTML 12Page - RF Micro Devices RFMD2081 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9 of 18
RFMD2081
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Multi-Slice Mode
The Multi-Slice mode of operation allows up to four chips to be controlled from a common serial bus. The device address pins,
(15 and 16) ADD1 and ADD2, are used to set the address of each part.
On power up, and after a Reset, the devices ignore the address pins ADD1 and ADD2 and any data presented to the serial bus
will be programmed into all the devices. However, once the ADDR bit in the SDI_CTRL register is set each device then adopts
an address according to the state of the address pins on the device.
General Purpose Outputs
The general purpose outputs (GPOs) can be controlled via the GPO register, and will depend on the state of MODE since they
can be set in different states corresponding to either path 1 or 2. The GPOs can be used for example to drive LEDs, or to con-
trol external circuitry such as switches or low power LNAs.
Each GPO pin can supply up to and above 20mA load current. The output voltage of the GPO high state will drop with increased
current drive, by approximately 25mV/mA. Similarly the output voltage of the GPO low state will rise with increased current,
again by approximately 25mV/mA.
Programming Information
Please refer to the register map and programming guides which are available for download from
http://rfmd.com/products/IntSynthModulator/.
Evaluation Boards
The evaluation board for the RFMD2081 is provided as part of a design kit, along with the necessary cables and programming
software tool to enable full evaluation of the device. The evaluation board has been configured for wideband operation; the
modulator output is connected to a wideband transmission line transformer balun. Design kits can be ordered from
www.rfmd.com or from local RFMD sales offices and authorized sales channels. For ordering codes please see "Ordering Infor-
mation" on page 18. For further details on how to set up the design kits please refer to the user guide which can be down-
loaded from http://rfmd.com/products/IntSynthModulator/.
Slice2
(0)
Slice2
(1)
Slice2
(2)
Slice2
(3)
A 1 A 2
ENX
SDATA
SCLK
VDD
VDD
VDD
VDD
A 1 A 2
A 1 A 2
A 1 A 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com