Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA5512 Datasheet (PDF) - RF Micro Devices

RFPA5512 Datasheet PDF - RF Micro Devices
Part # RFPA5512
Download  RFPA5512 Download
File Size   212.09 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WiFi Integrated PA Module 4.9GHz to 5.85GHz

RFPA5512 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPA5512 Datasheet PDF - RF Micro Devices

Part # RFPA5512
Download  RFPA5512 Click to download

File Size   212.09 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WiFi Integrated PA Module 4.9GHz to 5.85GHz

RFPA5512 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFPA5512

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512PCK-410 QORVO-RFPA5512PCK-410 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512SB QORVO-RFPA5512SB Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512SQ QORVO-RFPA5512SQ Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512SR QORVO-RFPA5512SR Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
More results


Similar Description - RFPA5512

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFPA5522 RFMD-RFPA5522 Datasheet
274Kb / 9P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
RFPA5542 RFMD-RFPA5542 Datasheet
391Kb / 7P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFPA5542 QORVO-RFPA5542 Datasheet
416Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com