Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA5522 Datasheet (PDF) - RF Micro Devices

RFPA5522 Datasheet PDF - RF Micro Devices
Part # RFPA5522
Download  RFPA5522 Download
File Size   274.44 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WiFi Integrated PA Module 4.9GHz to 5.925GHz

RFPA5522 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPA5522 Datasheet PDF - RF Micro Devices

Part # RFPA5522
Download  RFPA5522 Click to download

File Size   274.44 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WiFi Integrated PA Module 4.9GHz to 5.925GHz

RFPA5522 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFPA5522

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512PCK-410 RFMD-RFPA5512PCK-410 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512PCK-410 QORVO-RFPA5512PCK-410 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512SB RFMD-RFPA5512SB Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
More results


Similar Description - RFPA5522

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5542 RFMD-RFPA5542 Datasheet
391Kb / 7P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
Qorvo, Inc
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFPA5542 QORVO-RFPA5542 Datasheet
416Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFFM4554 QORVO-RFFM4554 Datasheet
162Kb / 2P
Wi-Fi Integrated Front End Module 4.9GHz to 5.925GHz
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com