Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA5522 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA5522
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522 Datasheet(HTML) 9 Page - RF Micro Devices

  RFPA5522 Datasheet HTML 1Page - RF Micro Devices RFPA5522 Datasheet HTML 2Page - RF Micro Devices RFPA5522 Datasheet HTML 3Page - RF Micro Devices RFPA5522 Datasheet HTML 4Page - RF Micro Devices RFPA5522 Datasheet HTML 5Page - RF Micro Devices RFPA5522 Datasheet HTML 6Page - RF Micro Devices RFPA5522 Datasheet HTML 7Page - RF Micro Devices RFPA5522 Datasheet HTML 8Page - RF Micro Devices RFPA5522 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RFPA5522
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
NC
Not connected internally. It may be left floating or connected to ground.
2
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
3
RFIN
RF inp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
4
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
5
PA_EN
PA Enable pin. Apply <0.4VDC. Apply 1.5VDC to VCC to enable PA.
6
RC1
Tuning RC pin 1. See EVB schematic for details.
7
RC2
Tuning RC pin 2. See EVB schematic for details.
8
NC
Not connected internally. It may be left floating or connected to ground.
9
NC
Not connected internally. It may be left floating or connected to ground.
10
PDET
Power detector. Provides an output voltage proportional to the RF output power level.
11
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
12
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
13
RFOUT
RF outp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
14
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
15
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
16
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
17
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
18
VCC3
Third stage supply voltage
19
VCC2
Second stage supply voltage.
20
VCC1
First stage supply voltage.
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plan though as short of
a connection as possible. PCB vias under the device are recommended.
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com