Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2660 Datasheet (PDF) - RF Micro Devices

RFPD2660 Datasheet PDF - RF Micro Devices
Part # RFPD2660
Download  RFPD2660 Download
File Size   266.93 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 23dB Power Doubler Hybrid 40MHz to 1003MHz

RFPD2660 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPD2660 Datasheet PDF - RF Micro Devices

Part # RFPD2660
Download  RFPD2660 Click to download

File Size   266.93 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 23dB Power Doubler Hybrid 40MHz to 1003MHz

RFPD2660 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFPD2660

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2650 RFMD-RFPD2650 Datasheet
586Kb / 6P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
25dB Power Doubler Hybrid 40MHz to 1003MHz
More results


Similar Description - RFPD2660

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
25dB Power Doubler Hybrid 40MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
28dB Push Pull Hybrid 40MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3340 TRIQUINT-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
logo
Qorvo, Inc
QPA3340 QORVO-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
CATV Power Doubler Hybrid 1218MHz 23dB
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
27dB Power Doubler Hybrid 40MHz to 1003MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com