Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2660 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD2660
Description  23dB Power Doubler Hybrid 40MHz to 1003MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD2660 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD2660 Datasheet HTML 1Page - RF Micro Devices RFPD2660 Datasheet HTML 2Page - RF Micro Devices RFPD2660 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140219
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
RFPD2660
23dB Power Doubler Hybrid
40MHz to 1003MHz
The RFPD2660 is a hybrid power doubler amplifier module.
The part employs GaAs MESFET, GaAs pHEMT and GaN
HEMT die, has high output capability, and is operated from
40MHz to 1003MHz. It provides excellent linearity and
superior return loss performance with low noise and optimal
reliability.
Package: SOT-115J
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under All
Terminations
High Output Capability
22.5dB Min. Gain at 1003MHz
440mA Max. at 24VDC
Applications
40MHz to 1003MHz CATV
Amplifier Systems
Ordering Information
RFPD2660
Box with 50 Pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
70
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
RFPD2660


Similar Part No. - RFPD2660

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2650 RFMD-RFPD2650 Datasheet
586Kb / 6P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
25dB Power Doubler Hybrid 40MHz to 1003MHz
More results

Similar Description - RFPD2660

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
25dB Power Doubler Hybrid 40MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
28dB Push Pull Hybrid 40MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3340 TRIQUINT-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
logo
Qorvo, Inc
QPA3340 QORVO-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
CATV Power Doubler Hybrid 1218MHz 23dB
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
27dB Power Doubler Hybrid 40MHz to 1003MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com