Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553BF Datasheet (PDF) - New Japan Radio

NJG1553BF Datasheet PDF - New Japan Radio
Part # NJG1553BF
Download  NJG1553BF Download
File Size   414.31 Kbytes
Page   9 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.9ghZ band mixer gAaS mmic

NJG1553BF Datasheet (PDF)

Go To PDF Page Download Datasheet
NJG1553BF Datasheet PDF - New Japan Radio

Part # NJG1553BF
Download  NJG1553BF Click to download

File Size   414.31 Kbytes
Page   9 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.9ghZ band mixer gAaS mmic

NJG1553BF Datasheet (HTML) - New Japan Radio


NJG1553BF Product details

GENARAL DESCRIPTION

NJG1553BF is a GaAs MMIC MIXER IC with built-in local amplifier for 1.9GHz PCS applications. This mixer features high conversion gain, low noise figure and low distortion.



FEATURES

Low Voltage Operation +2.7V

Low Current Consumption 7.0mA

High Conversion Gain 11dB typ. @fRF=1960MHz, PRF=-30dBm

                                             fLO=2090MHz, PLO=-10dBm

Low noise figure 7dB typ. @fRF=1960MHz, fLO=2090MHz, PLO=-10dBm

High Input IP3 -1dBm typ. @fRF1=1960.0MHz, fRF2=1960.1MHz, PRF=-30dBm

                                     fLO=2090MHz, PLO=-10dBm

Small package MTP6 (Mount Size: 2.8x2.9x1.2mm)




Similar Part No. - NJG1553BF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C1 NJRC-NJG1553F-C1 Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C2 NJRC-NJG1553F-C2 Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C3 NJRC-NJG1553F-C3 Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C4 NJRC-NJG1553F-C4 Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
More results


Similar Description - NJG1553BF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
800mhZ band mixer gAaS mmic
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
800MHz BAND MIXER GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com