Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1 Datasheet (PDF) - New Japan Radio

NJG1709KC1 Datasheet PDF - New Japan Radio
Part # NJG1709KC1
Download  NJG1709KC1 Download
File Size   780.7 Kbytes
Page   29 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.5/1.9GHz BAND FRONT-END GaAs MMIC

NJG1709KC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJG1709KC1 Datasheet PDF - New Japan Radio

Part # NJG1709KC1
Download  NJG1709KC1 Click to download

File Size   780.7 Kbytes
Page   29 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.5/1.9GHz BAND FRONT-END GaAs MMIC

NJG1709KC1 Datasheet (HTML) - New Japan Radio


NJG1709KC1 Product details

GENERAL DESCRIPTION

NJG1709KC1 is a front-end GaAs MMIC including a LNA, a local amplifier and a mixer, designed mainly for 1.5 or 1.9GHz band cellular phone. The ultra small & ultra thin FLP10 package is applied.



FEATURES

Low Voltage Operation +2.7V typ.

Low Current Consumption LNA 3.2mA typ.

Mixer 5.1mA typ. (with Local Amplifier operation current)

Ultra Small & Ultra Thin package FLP10-C1 (Mount Size: 2.8 x 3.0 x 0.75mm)



LNA

High Small Signal Gain 18.0dB typ. @ fRF=1489MHz

                             16.0dB typ. @ fRF=1900MHz

Low Noise Figure 1.2dB typ. @ fRF=1489MHz

                      1.3dB typ. @ fRF=1900MHz

High Output IP3 +13.0dBm typ. @ fRF=1489.0+1489.1MHz

                      +13.0dBm typ. @ fRF=1900.0+1900.1MHz



Mixer

High Conversion Gain 12.5dB typ. @ fRF=1489MHz, fLO=1619MHz, PLO=-15dBm

                             9.0dB typ. @ fRF=1900MHz, fLO=1660MHz, PLO=-15dBm

Low Noise Figure 6.0dB typ. @ fRF=1489MHz, fLO=1619MHz, PLO=-15dBm

                           6.5dB typ. @ fRF=1900MHz, fLO=1660MHz, PLO=-15dBm

High Output IP3 +10.0dBm typ. @ fRF=1489.0+1489.1MHz, fLO=1619MHz, PLO=-15dBm

                       +11.0dBm typ. @ fRF=1900.0+1900.1MHz, fLO=1660MHz, PLO=-15dBm

 




Similar Part No. - NJG1709KC1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
More results


Similar Description - NJG1709KC1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
1.5/1.9GHz LNA GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
800MHz BAND FRONT-END GaAs MMIC
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
800MHz TDMA FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
1.5/1.9GHz BAND MIXER GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com