Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232906B Datasheet (PDF) - Integrated Technology Future

232906B Datasheet PDF - Integrated Technology Future
Part # 232906B
Download  232906B Download
File Size   166.84 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 29.6 MHz

232906B Datasheet (PDF)

Go To PDF Page Download Datasheet
232906B Datasheet PDF - Integrated Technology Future

Part # 232906B
Download  232906B Click to download

File Size   166.84 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 29.6 MHz

232906B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 232906B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2329013-1 TEC-2329013-1 Datasheet
7Mb / 26P
LUMAWISE STREET LIGHT DIMMING AND CONTROL
2329013-2 TEC-2329013-2 Datasheet
7Mb / 26P
LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
Integrated Technology F...
232901B ITF-232901B Datasheet
194Kb / 5P
SAW Bandpass Filter
2007-03-06
232903B ITF-232903B Datasheet
205Kb / 5P
SAW Bandpass Filter
2008-12-11
232905B ITF-232905B Datasheet
170Kb / 2P
Typical 1dB bandwidth of 29.6 MHz
Rev 3.0 2013. 03. 07
More results


Similar Description - 232906B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01
220501B ITF-220501B Datasheet
189Kb / 2P
Typical 1dB bandwidth of 5.4 MHz
Rev 1.0 2013. 09. 12
221451B ITF-221451B Datasheet
208Kb / 2P
Typical 1dB bandwidth of 14.35 MHz
Rev 1.0 2010. 09.14
222901B ITF-222901B Datasheet
179Kb / 2P
Typical 1dB bandwidth of 29.6 MHz
Rev 1.0 2013. 03. 27
222951B ITF-222951B Datasheet
190Kb / 2P
Typical 1dB bandwidth of 29.6 MHz
Rev 1.0 2011. 01. 24
230952B ITF-230952B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
231601B ITF-231601B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 15.6 MHz
Rev 1.0 2013. 03. 07
231654B ITF-231654B Datasheet
170Kb / 2P
Typical 1dB bandwidth of 15.85 MHz
Rev 1.0 2010. 05. 20
250930B ITF-250930B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 25
232905B ITF-232905B Datasheet
170Kb / 2P
Typical 1dB bandwidth of 29.6 MHz
Rev 3.0 2013. 03. 07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com