Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0015 Datasheet (PDF) - Tyco Electronics

MABAES0015 Datasheet PDF - Tyco Electronics
Part # MABAES0015
Download  MABAES0015 Download
File Size   71.52 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF 1:4 Flux Coupled Stepup Transformer 2.0 - 800 MHz

MABAES0015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABAES0015 Datasheet PDF - Tyco Electronics

Part # MABAES0015
Download  MABAES0015 Click to download

File Size   71.52 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF 1:4 Flux Coupled Stepup Transformer 2.0 - 800 MHz

MABAES0015 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MABAES0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
Tyco Electronics
MABAES0017 MACOM-MABAES0017 Datasheet
47Kb / 2P
E-Series RF 1:2.56 Impedance Ration Center Taped Transformer 5 - 65 MHz
logo
M/A-COM Technology Solu...
MABAES0017 MA-COM-MABAES0017 Datasheet
67Kb / 2P
E-Series RF 2.56:1Impedance Ratio Center Taped Transformer 5 - 65 MHz
MABAES0017 MA-COM-MABAES0017 Datasheet
67Kb / 2P
E-Series RF 2.56:1Impedance Ratio Center Taped Transformer
More results


Similar Description - MABAES0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2 Datasheet
133Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
MABAES0008 MACOM-MABAES0008 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Stepup Transformer
MABAES0061 MACOM-MABAES0061 Datasheet
179Kb / 3P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
MABAES0061 MA-COM-MABAES0061 Datasheet
103Kb / 2P
E-Series RF 1:4 Flux Coupled Transformer 2.0 - 800 MHz
ETC4-1-2 MA-COM-ETC4-1-2 Datasheet
120Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
MABA-009600-CF48A0 MA-COM-MABA-009600-CF48A0 Datasheet
109Kb / 3P
4:1 RF Flux Coupled Transformer
DS-MABAES0008 MA-COM-DS-MABAES0008 Datasheet
324Kb / 2P
RF 1:4 Flux Coupled Stepup Transformer 3 MHZ - 250 MHz
MABA-009600-CF48A0 MA-COM-MABA-009600-CF48A0 Datasheet
109Kb / 3P
4:1 RF Flux Coupled Transformer
MABA-009600-CF48A0 MA-COM-MABA-009600-CF48A0_15 Datasheet
109Kb / 3P
4:1 RF Flux Coupled Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com