Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0015 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABAES0015
Description  RF 1:4 Flux Coupled Stepup Transformer 2.0 - 800 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0015 Datasheet(HTML) 2 Page - Tyco Electronics

  MABAES0015 Datasheet HTML 1Page - Tyco Electronics MABAES0015 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1590 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-20°C to +85°C
Storage Temperature
-20°C to +85°C
Functional Configuration
Function
Pin No.
Secondary
1
Secondary CT
2
Secondary Dot
3
Primary Dot
4
Primary
6
Insertion Loss
Typical Performance Over Extended Bandwidth (30kHz - 1.0GHz)
Phase Unbalance
Input Impedance
Amplitude Unbalance
Note: All measurements performed on Hewlett Packard 8753D Network Analyzer (201 sample points, linear scale) in a 50 ohm coplanar
waveguide environment. Tables created using MDS software.
-4.00
-3.20
-2.40
-1.60
-0.80
0.00
2.00
161.60
321.20
480.80
640.40
800.00
Frequency(MHz)
150.00
160.00
170.00
180.00
190.00
200.00
2.00
161.60
321.20
480.80
640.40
800.00
Frequency (MHz)
-0.20
0.04
0.28
0.52
0.76
1.00
2.00
161.60
321.20
480.80
640.40
800.00
Frequency (MHz)
MABAES0015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com