Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW4030G Datasheet (PDF) - Tyco Electronics

MASW4030G Datasheet PDF - Tyco Electronics
Part # MASW4030G
Download  MASW4030G Download
File Size   162.35 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch DC - 4 GHz

MASW4030G Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW4030G Datasheet PDF - Tyco Electronics

Part # MASW4030G
Download  MASW4030G Click to download

File Size   162.35 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch DC - 4 GHz

MASW4030G Datasheet (HTML) - Tyco Electronics




Similar Part No. - MASW4030G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G Datasheet
66Kb / 4P
GaAs SPDT Switch DC - 4.0 GHz
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
GaAs SPDT Switch DC - 4.0 GHz
More results


Similar Description - MASW4030G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-226 MACOM-SW-226 Datasheet
89Kb / 2P
GaAs SPDT Switch DC-4 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
SW-226-PIN MA-COM-SW-226-PIN Datasheet
87Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com