Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW4030G Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW4030G
Description  GaAs SPDT Switch DC - 4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW4030G Datasheet(HTML) 2 Page - Tyco Electronics

  MASW4030G Datasheet HTML 1Page - Tyco Electronics MASW4030G Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Control Inputs
Condition of BondPad
Condition of Switch
A
B
T
G1
G2
RF1
RF2
Absorbtive
V
INLOW
V
INHI
GND
GND
On
Off
SPDT
V
INHI
V
INLOW
GND
GND
Off
On
Reflective
V
INLOW
V
INHI
GND
GND
On
Off
Handling Precautions
Permanent damage to the MASW4030G may occur if the fol-
lowing precautions are not adhered to:
A. Cleanliness — The MASW4030G should be handled in a
clean environment. DO NOT attempt to clean unit after
the MASW4030G is installed.
B. Static Sensitivity — All chip handling equipment and per-
sonnel should be DC grounded.
C. Transient — Avoid instrument and power supply tran-
sients while bias is applied to the MASW4030G. Use
shielded signal and bias cables to minimize inductive
pick-up.
D. Bias — Apply voltage to either of the complementary
control ports only when the other is grounded. No port
should be allowed to “float”.
E. General Handling — It is recommended that the
MASW4030G chip be handled along the long side of the
die with a sharp pair of bent tweezers. DO NOT touch
the surface of the chip with fingers or tweezers.
Mounting
The MASW4030G is back-metallized with
Pd/Ni/Au(100/1,000/10,000Å) metallization. It can be die-
mounted with AuSn eutectic preforms or with thermally con-
ductive epoxy. The package surface should be clean and flat
before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with a work
surface temperature of approximately 255°C and a tool
temperature of 265°C. When hot 90/10 nitrogen/hydrogen
gas is applied, tool tip temperature should be approxi-
mately 290°C.
B. DO NOT expose the MASW4030G to a temperature
greater than 320°C for more than 20 seconds. No
more than 3 seconds of scrubbing should be required
for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the
MASW4030G into position. A thin epoxy fillet should be
visible around the perimeter of the chip.
B. Cure epoxy per manufacturer’s recommended schedule.
C. Electrically conductive epoxy may be used but is not
required.
Handling, Mounting and Bonding Procedure
MASW4030G
Maximum Ratings
A. Control Value (A or B):
–8.5 Vdc
B. Max Input RF Power:
+34 dBm
(500 MHz– 4 GHz)
C. Storage Temperature:
–65°C to +175°C
D. Max Operating Temperature:
+175°C
BondPad Dimensions — Inches (mm)
RF1, RF2
0.005 x 0.008 (0.125 x 0.200)
RFA1, RFB1
0.008 x 0.004 (0.200 x 0.100)
RFA2, RFB2
0.004 x 0.004 (0.100 x 0.100)
A, B, Ac, Bc
0.008 x 0.004 (0.200 x 0.100)
Wire Bonding
A. Ball or wedge with 1.0 mil diameter pure gold wire.
Thermosonic wirebonding with a nominal stage tempera-
ture of 150°C and a ball bonding force of 40 to 50 grams
or wedge bonding force of 18 to 22 grams is recommend-
ed. Ultrasonic energy and time should be adjusted to the
minimum levels achieve reliable wirebonds.
B. Wirebonds should be started on the chip and terminated
on the package. GND bonds should be as short as possi-
ble; at least three and no more than four bond wires from
ground pads to package are recommended.
Schematic
Truth Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com