Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8259A Datasheet (PDF) - Richtek Technology Corporation

RT8259A Datasheet PDF - Richtek Technology Corporation
Part # RT8259A
Download  RT8259A Download
File Size   200.92 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description The RT8259A is a monolithic step-down switch mode

RT8259A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8259A Datasheet PDF - Richtek Technology Corporation

Part # RT8259A
Download  RT8259A Click to download

File Size   200.92 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description The RT8259A is a monolithic step-down switch mode

RT8259A Datasheet (HTML) - Richtek Technology Corporation


RT8259A Product details

General Description
The RT8259A is a monolithic step-down switch mode converter with a built-in power MOSFET. It achieves 1.5A output current over a wide input supply range with excellent load and line regulation. Current Mode operation provides fast transient response and eases loop stabilization. The chip also provides protection functions such as cycle-by-cycle current limiting and thermal shutdown protection.

Features
● 1.5A Output Current
● 0.3Ω Internal Power MOSFET Switch
● Stable with Low ESR Output Ceramic Capacitors
● Up to 92% Efficiency
● Fixed 1.4MHz Frequency
● Thermal Shutdown
● Cycle-By-Cycle Over Current Protection
● Wide 4.5V to 24V Operating Input Range
● Output Adjustable from 0.8V to 15V
● Available in SOP-8 Package
● RoHS Compliant and Halogen Free

Applications
● Distributed Power Systems
● Battery Charger
● Pre-Regulator for Linear Regulators
● WLED Drivers




Similar Part No. - RT8259A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8259GE RICHTEK-RT8259GE Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8259GJ6 RICHTEK-RT8259GJ6 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8259PE RICHTEK-RT8259PE Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
More results


Similar Description - RT8259A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0007 MPS-EV0007 Datasheet
221Kb / 4P
2A MP1580 Step Down Switch Mode Converter
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
STMicroelectronics
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
The L5973D is a step-down monolithic power switching regulator capable
31-Jan-2008
logo
Richtek Technology Corp...
RT7255 RICHTEK-RT7255 Datasheet
1Mb / 17P
The RT7255 is a synchronous step-down
RT7295D RICHTEK-RT7295D Datasheet
218Kb / 14P
The RT7295D is a synchronous step-down converter
logo
STMicroelectronics
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
logo
Foshan Blue Rocket Elec...
BRCD3408 FOSHAN-BRCD3408 Datasheet
891Kb / 11P
The BRCD3408 is a constant frequency, current mode PWM step-down converter
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
2A Step-Down Switch-Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com