Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8259GJ6 Datasheet (PDF) - Richtek Technology Corporation

RT8259GJ6 Datasheet PDF - Richtek Technology Corporation
Part # RT8259GJ6
Download  RT8259GJ6 Download
File Size   209.7 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2A, 24V, 1.4MHz Step-Down Converter

RT8259GJ6 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8259GJ6 Datasheet PDF - Richtek Technology Corporation

Part # RT8259GJ6
Download  RT8259GJ6 Click to download

File Size   209.7 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2A, 24V, 1.4MHz Step-Down Converter

RT8259GJ6 Datasheet (HTML) - Richtek Technology Corporation


RT8259GJ6 Product details

General Description
The RT8259 is a high voltage buck converter that can support the input voltage range from 4.5V to 24V and the output current can be up to 1.2A. Current Mode operation provides fast transient response and eases loop stabilization.

Features
● Wide Operating Input Voltage Range : 4.5V to 24V
● Adjustable Output Voltage Range : 0.8V to 15V
● 1.2A Output Current
● 0.3Ω Internal Power MOSFET Switch
● High Efficiency up to 92%
● 1.4MHz Fixed Switching Frequency
● Stable with Low ESR Output Ceramic Capacitors
● Thermal Shutdown
● Cycle-By-Cycle Over Current Protection
● RoHS Compliant and Halogen Free

Applications
● Distributed Power Systems
● Battery Charger
● Pre-Regulator for Linear Regulators
● WLED Drivers




Similar Part No. - RT8259GJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
The RT8259A is a monolithic step-down switch mode
More results


Similar Description - RT8259GJ6

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com