Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFUV1703 Datasheet (PDF) - RF Micro Devices

RFUV1703 Datasheet PDF - RF Micro Devices
Part # RFUV1703
Download  RFUV1703 Download
File Size   662.36 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER

RFUV1703 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFUV1703 Datasheet PDF - RF Micro Devices

Part # RFUV1703
Download  RFUV1703 Click to download

File Size   662.36 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER

RFUV1703 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFUV1703

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFUV1703 QORVO-RFUV1703 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703PCBA-410 QORVO-RFUV1703PCBA-410 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703S2 QORVO-RFUV1703S2 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703SB QORVO-RFUV1703SB Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703SQ QORVO-RFUV1703SQ Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
More results


Similar Description - RFUV1703

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
logo
Marki Microwave
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
Passive GaAs MMIC IQ Mixer
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
Passive GaAs MMIC IQ Mixer
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com