Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFUV1703 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFUV1703
Description  21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1703 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFUV1703 Datasheet HTML 5Page - RF Micro Devices RFUV1703 Datasheet HTML 6Page - RF Micro Devices RFUV1703 Datasheet HTML 7Page - RF Micro Devices RFUV1703 Datasheet HTML 8Page - RF Micro Devices RFUV1703 Datasheet HTML 9Page - RF Micro Devices RFUV1703 Datasheet HTML 10Page - RF Micro Devices RFUV1703 Datasheet HTML 11Page - RF Micro Devices RFUV1703 Datasheet HTML 12Page - RF Micro Devices RFUV1703 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RFUV1703
DS130313
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Using Single Control Line (without IQ bias)_1
VMPA = 4.5V, VLPA12 = 3.5V, VLOA1 = VLOA2 = 4V, Itotal = 445mA, VG1 = VG2 = -0.4V
VC1 and VC2 are connected together off chip and changes over (-4V to 0V)
Performance Using Double Control Line (without IQ bias)_2
VMPA = 4.5V, VLPA12 = 3.5V, VLOA1 = VLOA2 = 4V, Itotal = 445mA, VG1 = VG2 = -0.4V
VC1 and VC2 are separately controlled and changes over (-4V to 0V)
5
0
5
10
15
20
25
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27.0
4
4
3
3
2.5
2.5
2
2
1.5
1.5
1
1
0.8
0.8
0.6
0.6
0.4
0.4
0.2
0.2
0 0
RF Frequency (GHz)
USB Conversion Gain versus Frequency
VC1 VC2
(V)
0
5
10
15
20
25
30
35
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27.0
4
4
3
3
2.5
2.5
2
2
1.5
1.5
1
1
0.8
0.8
0.6
0.6
0.4
0.4
0.2
0.2
0 0
RF Frequency (GHz)
USB OIP3 versus Frequency
VC1 VC2
(V)
5.0
0.0
5.0
10.0
15.0
20.0
25.0
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27.0
4
4
3
4
2
4
1
4
1
3
1
2
1
1
1
0.3
1 0
0
4
0
3
0
2
0
1
0 0
USB Conversion Gain versus Frequency
RF Frequency (GHz)
VC1
, VC2 (V)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27.0
4
4
3
4
2
4
1
4
1
3
1
2
1
1
1
0.3
1 0
0
4
0
3
0
2
0
1
0 0
RF Frequency (GHz)
USB OIP3 versus Frequency
VC1
, VC2 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com