Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10040340 Datasheet (PDF) - RF Micro Devices

S10040340 Datasheet PDF - RF Micro Devices
Part # S10040340
Download  S10040340 Download
File Size   264.44 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Push Pull Hybrid 40MHz to 1GHz

S10040340 Datasheet (PDF)

Go To PDF Page Download Datasheet
S10040340 Datasheet PDF - RF Micro Devices

Part # S10040340
Download  S10040340 Click to download

File Size   264.44 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Push Pull Hybrid 40MHz to 1GHz

S10040340 Datasheet (HTML) - RF Micro Devices




Similar Part No. - S10040340

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S10040140P1 RFMD-S10040140P1 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040140P1 QORVO-S10040140P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 14dB
logo
RF Micro Devices
S10040180P1 RFMD-S10040180P1 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040180P1 QORVO-S10040180P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 18dB
logo
PREMIER DEVICES, INC.
S10040200P PDI-S10040200P Datasheet
160Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 20dB min. Gain @ 1000MHz 260mA max. @ 24VDC
More results


Similar Description - S10040340

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S8740220GT RFMD-S8740220GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240GT RFMD-S8740240GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P RFMD-S8740240P Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P12 RFMD-S8740240P12 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740280GT RFMD-S8740280GT Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S10040140P1 RFMD-S10040140P1 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040220P12 RFMD-S10040220P12 Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040240P RFMD-S10040240P Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040280GT RFMD-S10040280GT Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040220GT QORVO-S10040220GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com