Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB3000 Datasheet (PDF) - RF Micro Devices

SBB3000 Datasheet PDF - RF Micro Devices
Part # SBB3000
Download  SBB3000 Download
File Size   352.4 Kbytes
Page   5 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK

SBB3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBB3000 Datasheet PDF - RF Micro Devices

Part # SBB3000
Download  SBB3000 Click to download

File Size   352.4 Kbytes
Page   5 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK

SBB3000 Datasheet (HTML) - RF Micro Devices




Similar Part No. - SBB3000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
logo
RF Micro Devices
SBB3089ZPCK1 RFMD-SBB3089ZPCK1 Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
logo
STMicroelectronics
SBB3089ZPCK1 STMICROELECTRONICS-SBB3089ZPCK1 Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
More results


Similar Description - SBB3000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1015 WJCI-WJA1015 Datasheet
213Kb / 4P
5V Active-Bias InGaP HBT Gain Block
logo
RF Micro Devices
SBB-3089Z RFMD-SBB-3089Z Datasheet
252Kb / 6P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-3082S RFMD-SBB-3082S Datasheet
706Kb / 5P
InGaP HBT Active Bias Gain Block
SBB-4082S RFMD-SBB-4082S Datasheet
744Kb / 5P
InGaP HBT Active Bias Gain Block
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com