Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB3089ZPCK1 Datasheet (PDF) - STMicroelectronics

SBB3089ZPCK1 Datasheet PDF - STMicroelectronics
Part # SBB3089ZPCK1
Download  SBB3089ZPCK1 Download
File Size   860.63 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50MHz to 6000MHz Gain Block

SBB3089ZPCK1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBB3089ZPCK1 Datasheet PDF - STMicroelectronics

Part # SBB3089ZPCK1
Download  SBB3089ZPCK1 Click to download

File Size   860.63 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50MHz to 6000MHz Gain Block

SBB3089ZPCK1 Datasheet (HTML) - STMicroelectronics


SBB3089ZPCK1 Product details

Description
SBB3089Z 7” Reel with 1000 pieces SBB3089ZPCK1 500MHz to 3500MHz PCBA with 5-piece sample bag

Applications
■ PA Driver Amplifier
■ Cellular, PCS, GSM, UMTS
■ IF Amplifier
■ Wireless Data, Satellite
■ Wideband Instrumentation




Similar Part No. - SBB3089ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB3089ZPCK1 RFMD-SBB3089ZPCK1 Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
More results


Similar Description - SBB3089ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-3089Z RFMD-SBB-3089Z Datasheet
252Kb / 6P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
SBB3000 RFMD-SBB3000 Datasheet
352Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
50MHz-6000MHz, Cascadable Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com