Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB3089ZPCK1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SBB3089ZPCK1
Description  50MHz to 6000MHz Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBB3089ZPCK1 Datasheet(HTML) 3 Page - STMicroelectronics

  SBB3089ZPCK1 Datasheet HTML 1Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 2Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 3Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 4Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 5Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 6Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 7Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 8Page - STMicroelectronics SBB3089ZPCK1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SBB3089Z
50MHz to 6000MHz Gain Block
Data Sheet, June 8, 2021 | Subject to change without notice
3 of 9
www.qorvo.com
®
Evaluation Board
Bill of Material
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
Qorvo
Q1
n/a
HBT Gain Block Amplifier
Qorvo
SBB3089Z
C1, C4
1000 pF
CAP, 0603, 10%, 50V, X7R
various
C2
68 pF
CAP, 0603, 5%, 50V, C0G
various
C3
0.1 uF
CAP, 0805, 10%, 50V, X7R
various
L1
48 nH
IND, 0805, 5%, W/W
Coilcraft
0805HQ-48NXJRC
RDC
20
Ω
RES, 0805, 5%, 1/10W
various
Recommended RDC Resistor Values for ICC=42mA
Supply Voltage (VS)
5V
6V
8V
10V
12V
RDC
20Ω
43
Ω
91
Ω
139
Ω
187
Ω
Notes:
1.
Supply voltage (VS) and bias resistor (RDC) values are related by: RDC=(VS-VCC)/ICC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com