Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1042 Datasheet (PDF) - RF Micro Devices

RFHA1042 Datasheet PDF - RF Micro Devices
Part # RFHA1042
Download  RFHA1042 Download
File Size   1630.66 Kbytes
Page   13 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 125W GaN Power Amplifier

RFHA1042 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFHA1042 Datasheet PDF - RF Micro Devices

Part # RFHA1042
Download  RFHA1042 Click to download

File Size   1630.66 Kbytes
Page   13 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 125W GaN Power Amplifier

RFHA1042 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFHA1042

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1043 RFMD-RFHA1043 Datasheet
1Mb / 11P
150W GaN Power Amplifier
More results


Similar Description - RFHA1042

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-125L00-PROD MA-COM-MAGX-001214-125L00-PROD Datasheet
786Kb / 6P
GaN on SiC HEMT Pulsed Power Transistor 125W Peak
logo
RFHIC
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
GaN Hybrid Power Amplifier
logo
Analog Devices
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
GaN Power Amplifier
Aug-2017
HMC1099PM5E AD-HMC1099PM5E Datasheet
325Kb / 18P
GaN Power Amplifier
9/2018-Rev. A to Rev. B
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
GaN Power Amplifier
9/2018-Revision 0
HMC8415LP6GE AD-HMC8415LP6GE Datasheet
513Kb / 23P
GaN Power Amplifier
4/2019-Rev. 0 to Rev. A
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
logo
Qorvo, Inc
QPD1008L QORVO-QPD1008L Datasheet
1Mb / 20P
125W, 50V, DC ??3.2 GHz, GaN RF Transistor
October 2021
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com