Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1042 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFHA1042
Description  125W GaN Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1042 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFHA1042 Datasheet HTML 5Page - RF Micro Devices RFHA1042 Datasheet HTML 6Page - RF Micro Devices RFHA1042 Datasheet HTML 7Page - RF Micro Devices RFHA1042 Datasheet HTML 8Page - RF Micro Devices RFHA1042 Datasheet HTML 9Page - RF Micro Devices RFHA1042 Datasheet HTML 10Page - RF Micro Devices RFHA1042 Datasheet HTML 11Page - RF Micro Devices RFHA1042 Datasheet HTML 12Page - RF Micro Devices RFHA1042 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131023
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 13
RFHA1042
Evaluation Board Bill of Materials (BOM)
Item
Description
Manufacturer
Manufacturer’s P/N
C1, C15, C19, C20
CAP, 470pF, 5%, 500 WVDC,.110x.110
ATC
ATC100B471JT
C2
8.2pF 800A Chip Capacitor
ATC
ATC800A8R2JT
C3
10pF 800A Chip Capacitor
ATC
ATC800A100JT
C4, C5
27pF 800A Chip Capacitor
ATC
ATC800A270JT
C7
18pF 800A Chip Capacitor
ATC
ATC800A180JT
C6
120pF 800B Chip Capacitor
ATC
ATC800B121JT
C9
15pF 800A Chip Capacitor
ATC
ATC800A150JT
C10
12pF 800A Chip Capacitor
ATC
ATC800A120JT
C8, C11, C12
6.8pF 800A Chip Capacitor
ATC
ATC800A6R8JT
C13
3.3pF 800A Chip Capacitor
ATC
ATC800A3R3JT
C14
1.0pF 800A Chip Capacitor
ATC
ATC800A1R0BT
C16
CAP CER 1.0µF 100V 10% X7R 1210
Murata
GRM32CR72A105KA35B
C17, C22
CAP, 0.1µF, 10%, 100V, X7R, 1210
Murata Electronics
GRM32NR72A104KA01L
C23
CAP, 4.7µF, 10%, 100V, X7R, 2220
Murata Electronics
GRM55ER72A475KA01L
C24
CAP, 100µF, 20%, 50V, AL ELEC, SMD
PANASONIC INDUSTRIAL CO
ECE-V1HA101UP
C25
CAP, 330µF, +/-20%, 100V, FC, RAD
PANASONIC INDUSTRIAL CO
EEU-FC2A331
L1
9.1nH 0805HT (2012) Ceramic Chip Inductor
Coilcraft
0805HT-9N1TJL
L2
1.65nH Micro Spring™ Air Core Inductor
Coilcraft
0906-2KL_
L3
3.7nH Air Core Inductor
Coilcraft
GA3092-ALB
L4
8nH Mini Spring™ Air Core Inductor
Coilcraft
A03TGL_
L5
12.5nH Mini Spring™ Air Core Inductor
Coilcraft
A04TJL_
L6
5.6nH 0805HT (2012) Ceramic Chip Inductors
Coilcraft
0805HT-5N6TJL
L7
2.5nH Mini Spring™ Air Core Inductor
Coilcraft
A01TKL_
R1, R2
RES, 4.7
Ω 5%, 1/4W, 1206
PANASONIC INDUSTRIAL CO
ERJ-8GEYJ4R7V
R3
RES, 10
Ω, 5%, 1/4W, 1206
PANASONIC INDUSTRIAL CO
ERJ-8GEYJ100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com