Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1801TR13 Datasheet (PDF) - RF Micro Devices

RFVC1801TR13 Datasheet PDF - RF Micro Devices
Part # RFVC1801TR13
Download  RFVC1801TR13 Download
File Size   614.78 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz

RFVC1801TR13 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFVC1801TR13 Datasheet PDF - RF Micro Devices

Part # RFVC1801TR13
Download  RFVC1801TR13 Click to download

File Size   614.78 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz

RFVC1801TR13 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFVC1801TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1801PCK-410 RFMD-RFVC1801PCK-410 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1801S2 RFMD-RFVC1801S2 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
More results


Similar Description - RFVC1801TR13

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1802 RFMD-RFVC1802 Datasheet
511Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
HMC6475LC4B AD-HMC6475LC4B Datasheet
583Kb / 4P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com