Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1801TR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC1801TR13
Description  Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1801TR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC1801TR13 Datasheet HTML 1Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 2Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 3Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 4Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 5Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140501
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 6
RFVC1801
Wideband MMIC VCO with Buffer Amplifier
5GHz to 10GHz
RFMD’s RFVC1801 wideband voltage controlled oscillator is a
GaAs InGaP HBT MMIC with integrated VCO core and RF
output buffer. The part operates from a single +5V supply for
circuit bias and 0V to +18V VTUNE for frequency control. The
RFVC1801 is an RoHS compliant, compact QFN, 4mm x 4mm
package that offers low phase noise and low power
consumption.
Ordering Information
RFVC1801S2
Sample bag with 2 pieces
RFVC1801SB
Bag with 5 pieces
RFVC1801SQ
Bag with 25 pieces
RFVC1801SR
7" Reel with 100 pieces
RFVC1801TR7
7" Reel with 750 pieces
RFVC1801TR13
13" Reel with 2500 pieces
RFVC1801PCK-410
Populated evaluation board with 2 piece sample bag
Package: QFN,
4mm x 4mm x 1.1mm
Features
■
Wideband Performance
■
POUT +3dBm Typ.
■
External Resonator Not
Required
■
Single Bias Supply: +5V at
52mA
■
Output Phase Noise: -96dBc/Hz
at 100kHz
■
Low Profile 4mm x 4mm QFN
Package
Applications
■
Military - Radar,
Communications, ECM/IED
■
Satcomm - Communication
Modems
■
Test Instrumentation
■
Industrial/Medical Equipment
Functional Block Diagram
RFVC1801
Functional Block Diagram


Similar Part No. - RFVC1801TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1801PCK-410 RFMD-RFVC1801PCK-410 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1801S2 RFMD-RFVC1801S2 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
More results

Similar Description - RFVC1801TR13

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1802 RFMD-RFVC1802 Datasheet
511Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
HMC6475LC4B AD-HMC6475LC4B Datasheet
583Kb / 4P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com