Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3 Datasheet (PDF) - Tyco Electronics

PE3 Datasheet PDF - Tyco Electronics
Part # PE3
Download  PE3 Download
File Size   26.43 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Foundry Services PROCESS PE3

PE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3 Datasheet PDF - Tyco Electronics

Part # PE3
Download  PE3 Click to download

File Size   26.43 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Foundry Services PROCESS PE3

PE3 Datasheet (HTML) - Tyco Electronics


PE3 Product details

Description
M/A-COM’s PE3 process utilizes molecular beam epitaxy (MBE) to implement a MESFET active layer structure that achieves high efficiency and breakdown for multi-watt power applications thru 18GHz. The focus is on products for moderate to high volume applications. M/A-COM offers a full compliment of foundry services to meet the requirements for custom designing a MMICbased die or packaged product.

Features
• 0.5 µm MBE MESFET Technology for High Power Applications
• MMICs up to 18 GHz
• 100 mm wafer diameter
• Layout and design assistance
• Space qualification
• Custom test and packaging




Similar Part No. - PE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
PE30 VISHAY-PE30 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
PE30 VISHAY-PE30 Datasheet
155Kb / 6P
Fully Sealed Potentiometer Professional Grade
01-Feb-18
PE30 VISHAY-PE30 Datasheet
116Kb / 6P
Fully Sealed Potentiometer Professional Grade
21-Nov-2022
PE30 VISHAY-PE30 Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
More results


Similar Description - PE3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQHBT3 TRIQUINT-TQHBT3 Datasheet
120Kb / 6P
InGaP HBT Foundry Service
TQPHT TRIQUINT-TQPHT Datasheet
208Kb / 5P
0.5 um pHEMT Foundry Service
TQRLC TRIQUINT-TQRLC Datasheet
395Kb / 3P
Advanced Passives Foundry Service
TQTRX TRIQUINT-TQTRX Datasheet
175Kb / 6P
Advanced Passives & MESFET Foundry Service
TQP13-N TRIQUINT-TQP13-N Datasheet
181Kb / 4P
0.13 um D pHEMT Foundry Service
logo
Tyco Electronics
1860 MACOM-1860 Datasheet
53Kb / 1P
Farnell Technical Data Services
logo
Analog Devices
HMC313 AD-HMC313 Datasheet
309Kb / 6P
High Reliability GaAs HBT Process
logo
Taoglas antenna solutio...
A.03.C.1001111 TAOGLAS-A.03.C.1001111 Datasheet
636Kb / 13P
Location based services
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
Brocade-Foundry Compatible
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
Custom Wire Services
1/29/20
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com