Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PE3
Description  GaAs Foundry Services PROCESS PE3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE3 Datasheet(HTML) 2 Page - Tyco Electronics

  PE3 Datasheet HTML 1Page - Tyco Electronics PE3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs Foundry Services
Process PE3
V2.00
Specifications Subject to Change Without Notice.
2
M/A-COM Inc.
North America: Tel. (800) 366-2266
♦ Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Normalized Nominal Models
Parameter
25% IDSS 8 VDS
50% IDSS 8 VDS
IDS mA/mm
62.62
127.96
gm mS/mm
140.37
155.44
Cgs pF/mm
1.178
1.303
Cgd pF/mm
0.072
0.059
Cds pF/mm
0.172
0.185
Td pS
5.574
5.502
Ri Ohms-mm
2.093
1.729
Gds mS/mm
9.214
7.929
Ggs mS/mm
0.168
0.093
Rg Ohms/mm
47.996
47.996
Rs Ohms-mm
0.827
0.827
Rd Ohms-mm
0.865
0.865
Lg nH/Finger
0.108
0.108
Ld nH/Finger
0.108
0.108
Cgp pF/mm
0.148
0.148
Cdp pF/mm
0.148
0.148
Mask Layer Assignments
LAYER
PROCESS
CODE
PROCESS
DESCRIPTION
3
OH
Ohmic
4
BI
Boron Isolation
5
RD
Resistor Deposition
7
GF
Gate Finger
8
GL
Gate Interconnect
10
TV
Top via
11
OL
Overlay
12
AP
Air-post
13
AS
Air-Span
25
BV
Back-via
28
FP
Final Passivation
29
ST
Saw Street
NOTE: Unused layer numbers are reserved for future use.
GMAX - 900um FET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com