Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0363ZSR Datasheet (PDF) - RF Micro Devices

SGL0363ZSR Datasheet PDF - RF Micro Devices
Part # SGL0363ZSR
Download  SGL0363ZSR Download
File Size   828.38 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM

SGL0363ZSR Datasheet (PDF)

Go To PDF Page Download Datasheet
SGL0363ZSR Datasheet PDF - RF Micro Devices

Part # SGL0363ZSR
Download  SGL0363ZSR Click to download

File Size   828.38 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM

SGL0363ZSR Datasheet (HTML) - RF Micro Devices




Similar Part No. - SGL0363ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZPCK1 RFMD-SGL0163ZPCK1 Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSQ RFMD-SGL0163ZSQ Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSR RFMD-SGL0163ZSR Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
More results


Similar Description - SGL0363ZSR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
logo
RF Micro Devices
SGL-06SMT2 RFMD-SGL-06SMT2 Datasheet
1Mb / 5P
Low Noise Amplifier 5MHz to 4000MHz
SGL0622Z RFMD-SGL0622Z Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
logo
Infineon Technologies A...
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com