Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA461 Datasheet (PDF) - Infineon Technologies AG

BGA461 Datasheet PDF - Infineon Technologies AG
Part # BGA461
Download  BGA461 Download
File Size   76.13 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon Germanium GPS Low Noise Amplifier

BGA461 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA461 Datasheet PDF - Infineon Technologies AG

Part # BGA461
Download  BGA461 Click to download

File Size   76.13 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon Germanium GPS Low Noise Amplifier

BGA461 Datasheet (HTML) - Infineon Technologies AG


BGA461 Product details

Features
• Optimized for 1575 MHz Operation
• High gain: 19.5 dB
• Low Noise Figure: 1.1 dB
• Supply voltage: 2.4 V to 3.2 V
• 4mA current consumption
• Power off function
• 1 kV HBM ESD protection at all pins
• B7HFM Silicon Germanium technology
• RF output internally matched to 50 Ω
• Low external component count
• Tiny TSLP-7-4 leadless package
• Moisture sensitivity level: MSL 1
• Pb-free (RoHS compliant) package

Application
• 1575 MHz GPS, Galileo, GPS phone




Similar Part No. - BGA461

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416 Datasheet
88Kb / 8P
RF Cascode Amplifier
June 2002
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
RF Cascode Amplifier
Rev. 2.1, April 2008
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA420 INFINEON-BGA420 Datasheet
166Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
More results


Similar Description - BGA461

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
BGA715L7 INFINEON-BGA715L7 Datasheet
342Kb / 8P
Silicon Germanium GPS Low Noise Amplifier
Rev.2.1, October 2009
BGA231L7 INFINEON-BGA231L7 Datasheet
1Mb / 14P
Silicon Germanium GPS Low Noise Amplifier
Revision 3.0, 2011-04-20
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
BGA715L7E6327 INFINEON-BGA715L7E6327 Datasheet
342Kb / 8P
Silicon Germanium GPS Low Noise Amplifier
Rev.2.1, October 2009
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com