Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA461 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA461
Description  Silicon Germanium GPS Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA461 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA461 Datasheet HTML 1Page - Infineon Technologies AG BGA461 Datasheet HTML 2Page - Infineon Technologies AG BGA461 Datasheet HTML 3Page - Infineon Technologies AG BGA461 Datasheet HTML 4Page - Infineon Technologies AG BGA461 Datasheet HTML 5Page - Infineon Technologies AG BGA461 Datasheet HTML 6Page - Infineon Technologies AG BGA461 Datasheet HTML 7Page - Infineon Technologies AG BGA461 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BGA461
Description
Preliminary Data Sheet
5
Rev.1.1, 2009-01-22
Pin Definition and Function
Maximum Ratings
Thermal resistance
Type
Package
Marking
BGA461
TSLP-7-4
BU
Table 1
Pin Definition and Function
Pin No.
Symbol
Function
1
IN
LNA RF input
2BIAS
DC bias
3
n.c.
not used
4
PON
Power on control
5
VCC
DC Supply
6
OUT
LNA RF output
7
GND
DC & RF ground
Table 2
Maximum Ratings
Parameter
1)
1) All voltages refer to GND-Node.
Symbol
Value
Unit
Voltage at pin VCC
V
CC
-0.3 ... 3.6
V
Voltage at pin IN
V
IN
-0.3 ... 0.9
V
Voltage at pin BIAS
V
BIAS
-0.3 ... 0.9
V
Voltage at pin OUT
V
OUT
-0.3 ...
V
CC+ 0.3
V
Voltage at pin PON
V
PON
-0.3 ...
V
CC+ 0.3
V
Current into pin VCC
I
CC
10
mA
RF input power
P
IN
10
dBm
Total power dissipation,
T
S < 139 °C
2)
2)
T
S is measured on the ground lead at the soldering point
P
tot
90
mW
Junction temperature
T
J
150
°C
Ambient temperature range
T
A
-30 ... 85
°C
Storage temperature range
T
STG
-65 ... 150
°C
ESD capability all pins (HBM: JESD22A-114)
V
ESD
1000
V
Table 3
Thermal resistance
Parameter
Symbol
Value
Unit
Junction - soldering point
1)
1) For calculation of
R
thJA please refer to Application Note Thermal Resistance
R
thJS
125
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com