Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA1118Z Datasheet (PDF) - RF Micro Devices

SPA1118Z Datasheet PDF - RF Micro Devices
Part # SPA1118Z
Download  SPA1118Z Download
File Size   436.1 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS

SPA1118Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SPA1118Z Datasheet PDF - RF Micro Devices

Part # SPA1118Z
Download  SPA1118Z Click to download

File Size   436.1 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS

SPA1118Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - SPA1118Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N60C2 INFINEON-SPA11N60C2 Datasheet
160Kb / 14P
Cool MOS??Power Transistor
2002-08-12
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
352Kb / 14P
Cool MOS??Power Transistor
2003-07-01
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
662Kb / 15P
Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
659Kb / 16P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
logo
Inchange Semiconductor ...
SPA11N60C3 ISC-SPA11N60C3 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - SPA1118Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SBB-1089 SIRENZA-SBB-1089 Datasheet
134Kb / 6P
50-850MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
SZA-6044 RFMD-SZA-6044 Datasheet
222Kb / 8P
5.1GHzto5.9GHz 쩌WATT POWER AMPLIFIER WITH ACTIVE BIAS
SXA-389-Z RFMD-SXA-389-Z Datasheet
618Kb / 10P
MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
logo
Qorvo, Inc
SZA_6044 QORVO-SZA_6044 Datasheet
222Kb / 8P
5.1GHzto5.9GHz 1/4WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com