Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA2118Z Datasheet (PDF) - RF Micro Devices

SPA2118Z Datasheet PDF - RF Micro Devices
Part # SPA2118Z
Download  SPA2118Z Download
File Size   534.42 Kbytes
Page   7 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS

SPA2118Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SPA2118Z Datasheet PDF - RF Micro Devices

Part # SPA2118Z
Download  SPA2118Z Click to download

File Size   534.42 Kbytes
Page   7 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS

SPA2118Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
2Mb / 14P
New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
756Kb / 14P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
1960 MHz 1 Watt Power Amp with Active Bias
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
1960 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA1118Z RFMD-SPA1118Z Datasheet
436Kb / 6P
850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com