Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA2118Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SPA2118Z
Description  850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2118Z Datasheet(HTML) 3 Page - RF Micro Devices

  SPA2118Z Datasheet HTML 1Page - RF Micro Devices SPA2118Z Datasheet HTML 2Page - RF Micro Devices SPA2118Z Datasheet HTML 3Page - RF Micro Devices SPA2118Z Datasheet HTML 4Page - RF Micro Devices SPA2118Z Datasheet HTML 5Page - RF Micro Devices SPA2118Z Datasheet HTML 6Page - RF Micro Devices SPA2118Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2118Z
850MHz to 950MHz Application Circuit Data, ICC=400mA, VCC=5V
26
28
30
32
34
36
0.8
0.85
0.9
0.95
1
24
28
32
36
40
0.8
0.85
0.9
0.95
1
-50
-40
-30
-20
-10
0
0.80.850.9
0.95
1
P1dB vs Frequency
GHz
Input/Output Return Loss,
Isolation vs Frequency
GHz
GHz
Gain vs. Frequency
S11
S12
S22
-40C
25C
85C
-40C
25C
85C
T=+25°C
0
100
200
300
400
500
600
0123456
25C
-40C
85C
Device Current vs. Source Voltage
V
cc (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com