Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA2118Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SPA2118Z
Description  850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2118Z Datasheet(HTML) 1 Page - RF Micro Devices

  SPA2118Z Datasheet HTML 1Page - RF Micro Devices SPA2118Z Datasheet HTML 2Page - RF Micro Devices SPA2118Z Datasheet HTML 3Page - RF Micro Devices SPA2118Z Datasheet HTML 4Page - RF Micro Devices SPA2118Z Datasheet HTML 5Page - RF Micro Devices SPA2118Z Datasheet HTML 6Page - RF Micro Devices SPA2118Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
1 of 7
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SPA2118Z
850MHz 1 WATT POWER AMPLIFIER WITH
ACTIVE BIAS
RFMD’s SPA2118Z is a high efficiency GaAs Heterojunction Bipolar Tran-
sistor (HBT) amplifier housed in a low-cost surface-mountable plastic
package. These HBT amplifiers are fabricated using molecular beam epi-
taxial growth technology which produces reliable and consistent perfor-
mance from wafer to wafer and lot to lot. This product is specifically
designed for use as a driver amplifier for infrastructure equipment in the
850MHz band. Its high linearity makes it an ideal choice for multi-carrier
and digital applications.
(+1) 336-678-5570
sales-support@rfmd.com
VC1
VBIAS
RFIN
VPC2
RFOUT/
VC2
Active
Bias
High Linearity Performance
+20.7dBm, IS-95 CDMA
Channel Power at -55dBc
ACP
+47dBm Typ. OIP3
High Gain: 33dB Typ.
On-Chip Active Bias Control
Patented high Reliability GaAs
HBT Technology
Surface-Mountable Plastic
Package
Applications
IS-95 CDMA Systems
Multi-Carrier Applications
AMPS, ISM Applications
DS121024
Package: Exposed Pad SOIC-8
SPA2118Z
850MHz 1
Watt Power
Amplifier with
Active Bias
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
810
900
960
MHz
Output Power at 1dB Compression
29.0
dBm
Adjacent Channel Power
-55.0
-52.0
dBc
IS-95 at 880MHz, ±885KHz offset,
POUT=20.7dBm
Small Signal Gain
31.5
33.0
34.5
dB
880MHz
Input VSWR
1.5:1
Output Third Order Intercept Point
47.0
dBm
Power out per tone=+14dBm
Noise Figure
5.0
dB
Device Current
360
400
425
mA
IBIAS=10mA, IC1=70mA, IC2=320mA
Device Voltage
4.75
5.0
5.25
V
Thermal Resistance
(Junction - Lead)
31
°C/W
TL=85°C
Test Conditions: Z0=50 Temp=25°C VCC=5.0V


Similar Part No. - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
2Mb / 14P
New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
756Kb / 14P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
1960 MHz 1 Watt Power Amp with Active Bias
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
1960 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA1118Z RFMD-SPA1118Z Datasheet
436Kb / 6P
850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com