Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA-5063Z Datasheet (PDF) - RF Micro Devices

STA-5063Z Datasheet PDF - RF Micro Devices
Part # STA-5063Z
Download  STA-5063Z Download
File Size   585.69 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER

STA-5063Z Datasheet (PDF)

Go To PDF Page Download Datasheet
STA-5063Z Datasheet PDF - RF Micro Devices

Part # STA-5063Z
Download  STA-5063Z Click to download

File Size   585.69 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER

STA-5063Z Datasheet (HTML) - RF Micro Devices


STA-5063Z Product details

Product Description
RFMD’s STA-5063Z is a general purpose class A linear amplifier which utilizes InGaP GaAs Heterojunction Bipolar Transistor (HBT) amplifier housed in a low-cost surface- mountable plastic package. This product is specifically designed as a driver amplifier for WLAN 802.11a and 5.8GHz ISM band and 3.3GHz to 3.8GHz fixed wireless applications. It can run from a fixed 3.0V to 3.6V supply with its on chip active bias network which includes a power up and down control.

Features
■ Linear Class A Performance
■ P1dB=17.5dBm at 3.5GHz
■ P1dB=15dBm at 5.9GHz
■ IP3=30dBm at 3.5GHz
■ IP3=27dBm at 5.9GHz
■ Power Up/Down Control<1uS
■ Active Bias Controlled
■ Robust Class 1C ESD Rating

Applications
■ Driver Stage for 802.11a Access Points
■ Wimax 802.16 Driver Stage
■ Low Power 5.8GHz ISM Output Stage
■ Fixed Wireless, UNII Driver Stage




Similar Part No. - STA-5063Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
More results


Similar Description - STA-5063Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
3.3GHz to 3.6GHz 2W POWER AMPLIFIER
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
logo
Transcom, Inc.
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com