Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZM-3166Z Datasheet (PDF) - RF Micro Devices

SZM-3166Z Datasheet PDF - RF Micro Devices
Part # SZM-3166Z
Download  SZM-3166Z Download
File Size   331.05 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3GHz to 3.6GHz 2W POWER AMPLIFIER

SZM-3166Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SZM-3166Z Datasheet PDF - RF Micro Devices

Part # SZM-3166Z
Download  SZM-3166Z Click to download

File Size   331.05 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3GHz to 3.6GHz 2W POWER AMPLIFIER

SZM-3166Z Datasheet (HTML) - RF Micro Devices


SZM-3166Z Product details

Product Description
RFMD’s SZM-3166Z is a high linearity class AB Heterojunction Bipolar Transistor (HBT) amplifier housed in a low-cost surface-mountable plastic Q-FlexN multi-chip module package. This HBT amplifier is made with InGaP on GaAs device technology and fabricated with MOCVD for an ideal combination of low cost and high reliability. This product is specifically designed for 802.16 customer premises equipment (CPE) terminals in the 3.3GHz to 3.6GHz bands. It can run from a 3V to 5.2V supply. The external output match and bias adjustability allows load line optimization for other applications covering 3.5GHz to 3.8GHz. It features an output power detector, on/off power control and high RF overdrive robustness. A 20dB step attenuator feature can be utilized by switching the second stage Power up/down control. This product features a RoHS compliant and Green package with matte tin finish, designated by the ‘Z’ suffix.

Features
■ P1dB=35dBm at 5.2V
■ Three Stages of Gain:35dB
■ 802.11g 54Mb/s Class AB Performance
■ POUT=27dBm at 2.5% EVM, VCC 5.2V, 900mA
■ Active Bias with Adjustable Current
■ On-Chip Output Power Detector
■ Low Thermal Resistance
■ Power Up/Down Control <1s
■ Attenuator Step 20dB at VPC2=0V
■ Class 1C ESD Rating

Applications
■ 802.16 WiMAX Driver or Output Stage
■ Fixed Wireless, WLL
■ CPE Terminal Applications




Similar Part No. - SZM-3166Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-3166Z SIRENZA-SZM-3166Z Datasheet
355Kb / 9P
3.3-3.6GHz 2W Power Amplifier
SZM-3166Z-EVB1 SIRENZA-SZM-3166Z-EVB1 Datasheet
355Kb / 9P
3.3-3.6GHz 2W Power Amplifier
More results


Similar Description - SZM-3166Z

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000067-PKG003 MACOM-MAAP-000067-PKG003 Datasheet
410Kb / 9P
Amplifier, Power, 2W
logo
SIRENZA MICRODEVICES
SZM-3166Z SIRENZA-SZM-3166Z Datasheet
355Kb / 9P
3.3-3.6GHz 2W Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
2W Power Amplifier
logo
TriQuint Semiconductor
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
27 to 31 GHz 2W Balanced Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
2W Power Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com