Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-241 Datasheet (PDF) - Tyco Electronics

SW-241 Datasheet PDF - Tyco Electronics
Part # SW-241
Download  SW-241 Download
File Size   66.69 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SP3T Switch 5 - 2000 MHz

SW-241 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-241 Datasheet PDF - Tyco Electronics

Part # SW-241
Download  SW-241 Click to download

File Size   66.69 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SP3T Switch 5 - 2000 MHz

SW-241 Datasheet (HTML) - Tyco Electronics


SW-241 Product details

Features
● Low Insertion Loss, 1.0 dB Typical
● Fast Switching Speed, 20 ns Typical
● Ultra Low DC Power Consumption, 0.22mA Typical
● Integral TTL Driver




Similar Part No. - SW-241

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-241-PIN MA-COM-SW-241-PIN Datasheet
58Kb / 3P
Matched GaAs SP3T Switch, 5 - 2000 MHz
More results


Similar Description - SW-241

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-262 MACOM-SW-262 Datasheet
215Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MA-COM-SW-241-PIN Datasheet
58Kb / 3P
Matched GaAs SP3T Switch, 5 - 2000 MHz
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com