Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-241 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-241
Description  Matched GaAs SP3T Switch 5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-241 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-241 Datasheet HTML 1Page - Tyco Electronics SW-241 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Matched GaAs SP3T Switch
5 - 2000 MHz
SW-241
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
DI-5
q
q
q
q
Features
Low Insertion Loss, 1.0 dB Typical
Fast Switching Speed, 20 ns Typical
Ultra Low DC Power Consumption, 0.22mA Typical
Integral TTL Driver
Guaranteed Specifications*
(-55°C to +85°C)
Frequency Range
5-2000 MHz
Insertion Loss
5-2000 MHz
2.5 dB Max
5-1000 MHz
1.7 dB Max
5-500 MHz
1.4 dB Max
VSWR
5-2000 MHz
2.0:1 Max
5-1000 MHz
1.6:1 Max
5-500 MHz
1.4:1 Max
Isolation
5-2000 MHz
35 dB Min
5-1000 MHz
45 dB Min
5-500 MHz
55 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
(TTL)
tRISE, tFALL
7 ns
tON, tOFF (50% CTL to 90/10% RF)
20 ns
Transients (In-Band)
80 mV
Input Power for 1 dB Compression
500-2000 MHz
+27 dBm Typ
50 MHz
+21 dBm Typ
Intermodulation Intercept Pt.
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
500-2000 MHz
+68
+46
dBm Typ
50 MHz
+60
+40
dBm Typ
Bias Power
+5 VDC @ 0.22 mA typ mA Max
Environmental
MIL-STD-883 screening available.
* All specifications apply when operated with bias voltages of +5 VDC
and 50 ohm impedance at all RF ports.
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx =± 0.02 (.x = ± 0.5)
WEIGHT (APPROX.): 0.26 OUNCES 73 GRAMS
Control Input
Condition of Switch
“1” = Logic High (TTL)
RF Common to Each RF Port
CTL1 CTL2 CTL3
RF1
RF2
RF3
1
0
0
ON
OFF
OFF
0
1
0
OFF
ON
OFF
0
0
1
OFF
OFF
ON
Truth Table
Schematic
RF3
GROUND
CONTROL 3
CONTROL 2
CONTROL 1
+ VDC
NC
GROUND
GROUND
GROUND
RF COMMON
GROUND
GROUND
RF1
GROUND
RF2


Similar Part No. - SW-241

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-241-PIN MA-COM-SW-241-PIN Datasheet
58Kb / 3P
Matched GaAs SP3T Switch, 5 - 2000 MHz
More results

Similar Description - SW-241

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-262 MACOM-SW-262 Datasheet
215Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MA-COM-SW-241-PIN Datasheet
58Kb / 3P
Matched GaAs SP3T Switch, 5 - 2000 MHz
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com