Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5226A Datasheet (PDF) - ON Semiconductor

2SC5226A Datasheet PDF - ON Semiconductor
Part # 2SC5226A
Download  2SC5226A Download
File Size   354.42 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP

2SC5226A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5226A Datasheet PDF - ON Semiconductor

Part # 2SC5226A
Download  2SC5226A Click to download

File Size   354.42 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP

2SC5226A Datasheet (HTML) - ON Semiconductor


2SC5226A Product details

RF Transistor
10V, 70mA, fT=7GHz, NPN Single MCP

Features
• Low-noise : NF=1.0dB typ (f=1GHz)
• High gain : ⏐S21e⏐2=12dB typ (f=1GHz)
• High cut-off frequency : fT=7GHz typ




Similar Part No. - 2SC5226A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
2SC5226A SANYO-2SC5226A Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
logo
Inchange Semiconductor ...
2SC5226A ISC-2SC5226A Datasheet
463Kb / 2P
Silicon NPN RF Power Transistor
logo
Sanyo Semicon Device
2SC5226A-4-TL-E SANYO-2SC5226A-4-TL-E Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
More results


Similar Description - 2SC5226A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com