Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5245A Datasheet (PDF) - ON Semiconductor

2SC5245A Datasheet PDF - ON Semiconductor
Part # 2SC5245A
Download  2SC5245A Download
File Size   349.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP

2SC5245A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5245A Datasheet PDF - ON Semiconductor

Part # 2SC5245A
Download  2SC5245A Click to download

File Size   349.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP

2SC5245A Datasheet (HTML) - ON Semiconductor


2SC5245A Product details

Features
• Low-noise : NF=0.9dB typ (f=1GHz)
                    : NF=1.4dB typ (f=1.5GHz)
• High gain : ⏐S21e⏐2=10dB typ (f=1.5GHz)
• High cut-off frequency : fT=8GHz typ
• Low-voltage, low-current operation (VCE=1V, IC=1mA)
                                       : fT=3.5GHz typ
                                       : ⏐S21e⏐2=5.5dB typ (f=1.5GHz)




Similar Part No. - 2SC5245A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
More results


Similar Description - 2SC5245A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com