Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5646A Datasheet (PDF) - ON Semiconductor

2SC5646A Datasheet PDF - ON Semiconductor
Part # 2SC5646A
Download  2SC5646A Download
File Size   437.71 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP

2SC5646A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5646A Datasheet PDF - ON Semiconductor

Part # 2SC5646A
Download  2SC5646A Click to download

File Size   437.71 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP

2SC5646A Datasheet (HTML) - ON Semiconductor


2SC5646A Product details

Features
• Low-noise : NF=1.5dB typ (f=2GHz)
• High cut-off frequency : fT=10GHz typ (VCE=1V)
                                      : fT=12.5GHz typ (VCE=3V)
• Low-voltage operation
• High gain : ⏐S21e⏐2=9.5dB typ (f=2GHz)
• Ultrasmall, slim flat-lead package (1.4mm×0.8mm×0.6mm)
• Halogen free compliance




Similar Part No. - 2SC5646A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results


Similar Description - 2SC5646A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
NPN Single SSFP RF Transistor
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com