Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5488A Datasheet (PDF) - ON Semiconductor

2SC5488A Datasheet PDF - ON Semiconductor
Part # 2SC5488A
Download  2SC5488A Download
File Size   462.04 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Single SSFP RF Transistor

2SC5488A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5488A Datasheet PDF - ON Semiconductor

Part # 2SC5488A
Download  2SC5488A Click to download

File Size   462.04 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Single SSFP RF Transistor

2SC5488A Datasheet (HTML) - ON Semiconductor


2SC5488A Product details

Features
• Low-noise : NF=1.0dB typ (f=1GHz)
• High gain : ⏐S21e⏐2=12dB typ (f=1GHz)
• High cut-off frequency : fT=7GHz typ
• Ultrasmall, slim flat-lead package (1.4mm×0.8mm×0.6mm)
• Halogen free compliance




Similar Part No. - 2SC5488A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
468Kb / 7P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A_12 Datasheet
468Kb / 7P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Similar Description - 2SC5488A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
NPN RF Transistor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
NPN RF Transistor
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
NPN RF Transistor
logo
ON Semiconductor
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
50A02SS ONSEMI-50A02SS Datasheet
515Kb / 7P
Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
August, 2013
50C02SS ONSEMI-50C02SS Datasheet
515Kb / 7P
Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com